Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2210 Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Fiches technique(HTML) 57 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 53Page - Microchip Technology MCP2210 Datasheet HTML 54Page - Microchip Technology MCP2210 Datasheet HTML 55Page - Microchip Technology MCP2210 Datasheet HTML 56Page - Microchip Technology MCP2210 Datasheet HTML 57Page - Microchip Technology MCP2210 Datasheet HTML 58Page - Microchip Technology MCP2210 Datasheet HTML 59Page - Microchip Technology MCP2210 Datasheet HTML 60Page - Microchip Technology MCP2210 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 57
MCP2210
3.5.3
REQUEST SPI BUS RELEASE
3.5.3.1
Responses
TABLE 3-66:
COMMAND STRUCTURE
Byte
Index
Meaning
00x80 – Request SPI bus Release – command code
1
The value of the SPI Bus Release ACK pin (only if GP7 is assigned to this dedicated function)
20x00 – Reserved
3-63
0x00 – Reserved
TABLE 3-67:
RESPONSE 1 STRUCTURE
Byte
Index
Meaning
0
0x80 – Request SPI bus Release – echos back the given command code
1
0x00 – Command Completed Successfully – SPI bus released
2
Don’t Care
3-63
Don’t Care
TABLE 3-68:
RESPONSES 2 STRUCTURE
Byte
Index
Meaning
0
0x80 – Request SPI bus Release – echos back the given command code
10xF8 – SPI Bus Not Released – SPI transfer in process
2
Don’t Care
3-63
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82