Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2210 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 35Page - Microchip Technology MCP2210 Datasheet HTML 36Page - Microchip Technology MCP2210 Datasheet HTML 37Page - Microchip Technology MCP2210 Datasheet HTML 38Page - Microchip Technology MCP2210 Datasheet HTML 39Page - Microchip Technology MCP2210 Datasheet HTML 40Page - Microchip Technology MCP2210 Datasheet HTML 41Page - Microchip Technology MCP2210 Datasheet HTML 42Page - Microchip Technology MCP2210 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 39
MCP2210
FIGURE 3-13:
SET (VM) SPI TRANSFER SETTINGS LOGIC FLOW
3.2.3
GET (VM) CURRENT CHIP SETTINGS
TABLE 3-37:
RESPONSE 2 STRUCTURE
Byte
Index
Meaning
00x40 – Set (VM) SPI Transfer Settings – echos back the given command code
1
0xF8 – USB transfer in progress – Settings not written
2
Don’t Care
3-63
Don’t Care
TABLE 3-38:
COMMAND STRUCTURE
Byte
Index
Meaning
0
0x20 – Get (VM) GPIO Current Chip Settings
1
0x00 – Reserved
2
0x00 – Reserved
3-63
0x00 – Reserved
Set RAM SPI
Transfer Settings
Response 2
TRUE
FALSE
Response 1
Requested RAM SPI
Settings Not Written
SPI Transfer
Ongoing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82