Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2210 Fiches technique(PDF) 59 Page - Microchip Technology

No de pièce MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Fiches technique(HTML) 59 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 55Page - Microchip Technology MCP2210 Datasheet HTML 56Page - Microchip Technology MCP2210 Datasheet HTML 57Page - Microchip Technology MCP2210 Datasheet HTML 58Page - Microchip Technology MCP2210 Datasheet HTML 59Page - Microchip Technology MCP2210 Datasheet HTML 60Page - Microchip Technology MCP2210 Datasheet HTML 61Page - Microchip Technology MCP2210 Datasheet HTML 62Page - Microchip Technology MCP2210 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 59
MCP2210
3.6
Chip Status
The chip status command is used to retrieve status information regarding the state of the SPI transfer engine.
3.6.1
GET MCP2210 STATUS
3.6.1.1
Responses
FIGURE 3-26:
GET MCP2210 STATUS LOGIC FLOW
TABLE 3-69:
COMMAND STRUCTURE
Byte Index
Meaning
0
0x10 – Get MCP2210 Status – command code
1
0x00 – Reserved
2
0x00 – Reserved
3-63
0x00 – Reserved
TABLE 3-70:
RESPONSE 1 STRUCTURE
Byte
Index
Meaning
0
0x10 – Get MCP2210 Status – echos back the given command code
1
0x00 – Command Completed Successfully
2
SPI Bus Release External Request Status
• 0x01 – No External Request for SPI Bus Release
• 0x00 – Pending External Request for SPI Bus Release
3
SPI Bus Current Owner
• 0x00 – No Owner
• 0x01 – USB Bridge
• 0x02 – External Master
4
Attempted Password Accesses – informs the USB host on how many times the NVRAM password
was tried
5
Password Guessed
• 0x00 – Password Not Guessed
• 0x01 – Password Guessed
6-63
Don’t Care
Get MCP2210
Status
Response 1
MCP2210 Status
Information
Retrieved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82