Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBC9-330-252 Fiches technique(PDF) 92 Page - NEC

No de pièce SBC9-330-252
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

SBC9-330-252 Fiches technique(HTML) 92 Page - NEC

Back Button SBC9-330-252 Datasheet HTML 88Page - NEC SBC9-330-252 Datasheet HTML 89Page - NEC SBC9-330-252 Datasheet HTML 90Page - NEC SBC9-330-252 Datasheet HTML 91Page - NEC SBC9-330-252 Datasheet HTML 92Page - NEC SBC9-330-252 Datasheet HTML 93Page - NEC SBC9-330-252 Datasheet HTML 94Page - NEC SBC9-330-252 Datasheet HTML 95Page - NEC SBC9-330-252 Datasheet HTML 96Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
Power Inductors VOL.10
92
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
21m
24m
29m
32m
37m
40m
43m
49m
52m
59m
67m
76m
87m
123m
137m
169m
213m
267m
350m
397m
519m
584m
657m
878m
1.10
1.30
1.80
2.00
2.80
3.10
3.50
5.30
6.00
●SBCP-47HY Series (SBCP-47HY□□□B)
SBCP-47HY1R2B
1.2 ± 20%
3.00
3.02
4.26
4.16
SBCP-47HY1R5B
1.5 ± 20%
2.85
2.85
4.01
3.67
SBCP-47HY2R2B
2.2 ± 20%
2.60
2.59
3.66
3.20
SBCP-47HY2R7B
2.7 ± 20%
2.45
2.47
3.48
2.92
SBCP-47HY3R3B
3.3 ± 20%
2.30
2.28
3.21
2.70
SBCP-47HY3R9B
3.9 ± 20%
2.15
2.18
3.08
2.51
SBCP-47HY4R7B
4.7 ± 20%
2.10
2.10
2.96
2.30
SBCP-47HY5R6B
5.6 ± 20%
1.95
1.99
2.80
2.04
SBCP-47HY6R8B
6.8 ± 20%
1.90
1.92
2.71
1.93
SBCP-47HY8R2B
8.2 ± 20%
1.70
1.81
2.55
1.74
SBCP-47HY100B
10 ± 20%
1.60
1.69
2.38
1.60
SBCP-47HY120B
12 ± 20%
1.40
1.59
2.24
1.41
SBCP-47HY150B
15 ± 20%
1.25
1.48
2.09
1.26
SBCP-47HY220B
22 ± 20%
1.05
1.24
1.75
1.04
SBCP-47HY270B
27 ± 20%
0.96
1.18
1.66
0.96
SBCP-47HY330B
33 ± 20%
0.87
1.06
1.50
0.87
SBCP-47HY390B
39 ± 20%
0.79
1.95
1.33
0.79
SBCP-47HY470B
47 ± 10%
0.73
0.84
1.19
0.73
SBCP-47HY560B
56 ± 10%
0.65
0.65
0.87
0.66
SBCP-47HY680B
68 ± 10%
0.60
0.61
0.81
0.60
SBCP-47HY820B
82 ± 10%
0.53
0.53
0.71
0.55
SBCP-47HY101B
100 ± 10%
0.50
0.50
0.67
0.50
SBCP-47HY121B
120 ± 10%
0.45
0.47
0.63
0.45
SBCP-47HY151B
150 ± 10%
0.41
0.41
0.55
0.41
SBCP-47HY221B
220 ± 10%
0.33
0.36
0.48
0.33
SBCP-47HY271B
270 ± 10%
0.30
0.34
0.45
0.30
SBCP-47HY331B
330 ± 10%
0.27
0.29
0.39
0.27
SBCP-47HY391B
390 ± 10%
0.25
0.26
0.36
0.25
SBCP-47HY471B
470 ± 10%
0.22
0.22
0.31
0.23
SBCP-47HY561B
560 ± 10%
0.21
0.21
0.29
0.21
SBCP-47HY681B
680 ± 10%
0.19
0.20
0.28
0.19
SBCP-47HY821B
820 ± 10%
0.16
0.16
0.22
0.17
SBCP-47HY102B
1000 ± 10%
0.15
0.15
0.21
0.16
(Ω)
(A)
at 10 kHz、1mA(μH)
max.
(A)
ΔT=20℃
ΔT=40℃
L−10%(85℃)
Package: Bulk・6,000pcs/box
Tape & reel・1,000pcs/AMMO pack 4,000pcs/box
Operating temperature range: −20 to +105℃ (including the heat generation by the coil)
SBCP-47HY Coils
[RoHS Compliant]
SBCP-47HY Coils
[RoHS Compliant]
Inductance
DC resistance
Rated current
Current (Reference value)
Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com