Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBC9-330-252 Fiches technique(PDF) 75 Page - NEC

No de pièce SBC9-330-252
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

SBC9-330-252 Fiches technique(HTML) 75 Page - NEC

Back Button SBC9-330-252 Datasheet HTML 71Page - NEC SBC9-330-252 Datasheet HTML 72Page - NEC SBC9-330-252 Datasheet HTML 73Page - NEC SBC9-330-252 Datasheet HTML 74Page - NEC SBC9-330-252 Datasheet HTML 75Page - NEC SBC9-330-252 Datasheet HTML 76Page - NEC SBC9-330-252 Datasheet HTML 77Page - NEC SBC9-330-252 Datasheet HTML 78Page - NEC SBC9-330-252 Datasheet HTML 79Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
Power Inductors VOL.10
75
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
5.7 max.
Shape and Dimensions
0.01
0.1
1
1000
100
10
1
10
Frequency (MHz)
Measuring instrument: HP 4285 LCR meter (10kHz, 1mA)
Example H LI-0505-432
Impedance vs. Frequency
0
6.0
5.0
4.0
3.0
2.0
1.0
0
50
100
150
Idc (mA)
Measuring instrument: HP 4284 LCR meter (160kHz, 500mV)
H LI-0505-202
H LI-0505-432
H LI-0505-502
DC-Superposed Characteristics
[mm]
land
terminal
3.3
5.3
6.4
2.3
Recommended Land Pattern
[mm]
H
・LI-0505-202
2.0 20%
10
100
H
・LI-0505-432
4.3 20%
18
70
H
・LI-0505-502
5.0 20%
20
40
●Operating temperature range: −20 to +105℃ (Including self-temperature rise)
Model
Inductance
at 160kHz,500mV
(mH)
DC resistance
(Ω)max.
Rated current
(mA)
High Inductance Type
SMD Inductors H
・LI Series
[RoHS Compliant]
High Inductance Type
SMD Inductors H
・LI Series
[RoHS Compliant]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com