| Moteur de recherche de fiches techniques de composants électroniques |
|
SBC9-330-252 Fiches technique(PDF) 71 Page - NEC |
|
|
|||||||||||||||||||||||||||||
SBC9-330-252 Fiches technique(HTML) 71 Page - NEC |
|
71 / 104 page ![]() Power Inductors VOL.10 71 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type 12.5 max. 7.5 ±0.3 4.5 max. Shape and Dimensions 13.4 5.5 6.9 12.0 Recommended Land Pattern [mm] [mm] land terminal 4.50 3.20 2.90 2.70 1.90 1.50 1.30 1.00 0.85 28m 50m 66m 97m 0.15 0.19 0.28 0.48 0.61 H ・DI-1245G-100 10 ±20% H ・DI-1245G-150 15 ±20% H ・DI-1245G-220 22 ±20% H ・DI-1245G-330 33 ±20% H ・DI-1245G-470 47 ±20% H ・DI-1245G-680 68 ±20% H ・DI-1245G-101 100 ±20% H ・DI-1245G-151 150 ±20% H ・DI-1245G-221 220 ±20% ●H・DI-1245G Series ●Operating temperature range: −20 to +105℃ (Including self-temperature rise) Model Inductance at 100kHz,1mA (μH) DC resistance (Ω)max. Rated current (A) Leadless Power Inductors H ・DI-1245G Series [RoHS Compliant] Leadless Power Inductors H ・DI-1245G Series [RoHS Compliant] |