| Moteur de recherche de fiches techniques de composants électroniques |
|
SBC9-330-252 Fiches technique(PDF) 32 Page - NEC |
|
|
|||||||||||||||||||||||||||||
SBC9-330-252 Fiches technique(HTML) 32 Page - NEC |
|
32 / 104 page ![]() Power Inductors VOL.10 32 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type [mm] [mm] 10.2±0.5 (5.6) 2.0±0.3 2.0±0.3 3.5 MAX 2.5 5.6 2.5 Shape and Dimensions Recommended Land Pattern *1 T=40K rise at rated current. *2 Inductance drop 30% at rated current. ●Operating temperature range:−20to+120℃(Including self-temperature rise) PLC-1035-2R0S 2.0± 30% 25 6.0 11.4 8.1 PLC-1035-3R3S 3.3± 30% 28 5.7 9.5 6.9 PLC-1035-4R7S 4.7± 30% 38 5.2 8.7 6.3 PLC-1035-5R6S 5.6± 30% 44 4.7 7.9 5.8 PLC-1035-6R8S 6.8± 30% 52 4.2 6.6 4.7 PLC-1035-8R2S 8.2± 30% 60 3.7 6.3 4.4 PLC-1035-100S 10.0± 20% 75 3.4 6.0 4.1 PLC-1035-120S 12.0± 20% 115 2.4 5.7 4.0 PLC-1035-150S 15.0± 20% 120 2.2 4.8 3.4 PLC-1035-180S 18.0± 20% 138 2.1 4.4 3.3 PLC-1035-220S 22.0± 20% 165 2.0 4.2 3.0 PLC-1035-330S 33.0± 20% 238 1.5 3.0 2.2 Leadless Power Inductors PLC-1035 Series [RoHS Compliant] Leadless Power Inductors PLC-1035 Series [RoHS Compliant] Inductance DC resistance Rated current(A) Model at 100kHz, 1mA RDC(mΩ)max. Irms *1 Isat(Ref.) *2 (μH) at 20℃ at 100℃ Dot mark Lot No. Inductance |