Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBC9-330-252 Fiches technique(PDF) 31 Page - NEC

No de pièce SBC9-330-252
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

SBC9-330-252 Fiches technique(HTML) 31 Page - NEC

Back Button SBC9-330-252 Datasheet HTML 27Page - NEC SBC9-330-252 Datasheet HTML 28Page - NEC SBC9-330-252 Datasheet HTML 29Page - NEC SBC9-330-252 Datasheet HTML 30Page - NEC SBC9-330-252 Datasheet HTML 31Page - NEC SBC9-330-252 Datasheet HTML 32Page - NEC SBC9-330-252 Datasheet HTML 33Page - NEC SBC9-330-252 Datasheet HTML 34Page - NEC SBC9-330-252 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
Power Inductors VOL.10
31
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
DC-Superposed Characteristics
100
℃
20
℃
DC.Current
(A)
40
35
30
25
20
15
10
5
0
0
2.5
2
1.5
1
0.5
3
3.5
4
4.5
5
100
℃
20
℃
DC.Current
(A)
40
35
30
25
20
15
10
5
0
0
2.5
2
1.5
1
0.5
3
3.5
4
4.5
5
100
℃
20
℃
DC.Current
(A)
40
35
30
25
20
15
10
5
0
0
2.5
2
1.5
1
0.5
3
3.5
4
100
℃
20
℃
DC.Current
(A)
40
35
30
25
20
15
10
5
0
0
2.5
2
1.5
1
0.5
3
3.5
4
PLC-0760-150S
PLC-0760-180S
PLC-0760-330S
PLC-0760-220S
[mm]
PLC-0760 Series
Dimensions of indented square hole plastic tape
[mm]
WF
E
P1
P2
P0
øD0
T
K
± 0.3 ± 0.1 ± 0.1 ± 0.1 ± 0.1
± 0.1
± 0.1 ± 0.05 ± 0.05
24.0
0760 Series
0760 Series
11.5
1.75
16.0
2.0
4.0
1.55
0.4
6.3
[mm]
AC
± 5
± 0.5
380
B
± 5
80
13.5
± 0.5
25.5
± 0.5
29.5
D
± 0.8
21.0
EW
r
± 0.5
2.0
R1.0
800
Reel dimensions
pcs./reel
1
W2
P
Drawer direction
Zoom
1
P0
P2
øD0
K
T
W2
W1
E
C
D
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com