Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBC9-330-252 Fiches technique(PDF) 19 Page - NEC

No de pièce SBC9-330-252
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

SBC9-330-252 Fiches technique(HTML) 19 Page - NEC

Back Button SBC9-330-252 Datasheet HTML 15Page - NEC SBC9-330-252 Datasheet HTML 16Page - NEC SBC9-330-252 Datasheet HTML 17Page - NEC SBC9-330-252 Datasheet HTML 18Page - NEC SBC9-330-252 Datasheet HTML 19Page - NEC SBC9-330-252 Datasheet HTML 20Page - NEC SBC9-330-252 Datasheet HTML 21Page - NEC SBC9-330-252 Datasheet HTML 22Page - NEC SBC9-330-252 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
Power Inductors VOL.10
19
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
W2
C
E
D
r
W1
Reel dimensions
Dimensions of indented square hole plastic tape
A
4.6 4.6
4.6
P1
K
T
øD0
P0
P2
[mm]
A
±0.2
14.65
B
±0.2
14.1
W
±0.4
24.0
F
±0.2
11.5
E
±0.2
1.75
P1
±0.2
24.0
P2
±0.2
2.0
P0
±0.2
4.0
øD0
+0.2,-0
1.5
T
±0.1
0.4
K
±0.2
6.8
[mm]
[mm]
±2.0
380
±5.0
100
±0.5
13
±0.8
21
±0.5
2.0
R1.0
25.5
A
BC
D
E
r
W1
W2
28.5
C
・PI-1250 Series(500pcs./reel)
C
・PI-13・
・ Series(500pcs./reel)
Dimensions of indented square hole plastic tape
Reel dimensions
[mm]
A
±0.2
13.3
B
±0.2
13.3
W
±0.4
24.0
F
±0.2
11.5
E
±0.2
1.75
P1
±0.2
24.0
P2
±0.2
2.0
P0
±0.2
4.0
øD0
+0.2,-0
1.5
T
±0.1
0.4
K
±0.2
5.4
[mm]
[mm]
±2.0
380
±5.0
100
±0.5
13.0
±0.8
21.0
±0.5
2.0
R1.0
25.5
A
BC
D
E
r
W1
W2
28.5
K
B
P0
P2
øD0
T
P1
Drawer direction
4.5 4.5
4.3
E
W1
W2
r
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com