| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F6411FDFP Fiches technique(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6411FDFP Fiches technique(HTML) 29 Page - Renesas Technology Corp |
|
29 / 108 page ![]() R01DS0062EJ0120 Rev.1.20 Page 29 of 99 Sep 26, 2011 R32C/111 Group 1. Overview Notes: 1. Pins CLK4, RXD4, TXD4, SDA4, SCL4, SRXD4, and STXD4 are available in the 80-pin package only. 2. Pins AN0_4 to AN0_7, ANEX0 and ANEX1 are available in the 80-pin package only. Table 1.20 Pin Definitions and Functions for the 80-/64-pin Package (2/3) Function Symbol I/O Description Serial interface (1) CTS0 to CTS3, CTS5, CTS8 I Handshake input RTS0 to RTS3, RTS5, RTS8 O Handshake output CLK0 to CLK5, CLK8 I/O Transmit/receive clock input/output RXD0 to RXD5, RXD8 I Serial data input TXD0 to TXD5, TXD8 O Serial data output. TXD2 output is N-channel open drain I2C bus (simplified) (1) SDA0 to SDA5 I/O Serial data input/output. SDA2 output is N-channel open drain SCL0 to SCL5 I/O Transmit/receive clock input/output. SCL2 output is N-channel open drain Serial interface special functions (1) STXD0 to STXD5 O Serial data output in slave mode. STXD2 is N-channel open drain SRXD0 to SRXD5 I Serial data input in slave mode SS0 to SS3, SS5 I Input to control serial interface special functions A/D converter (2) AN_0 to AN_7, AN0_0 to AN0_7, AN2_0 to AN2_7 I Analog input for the A/D converter ADTRG I External trigger input for the A/D converter ANEX0 I/O Expanded analog input for the A/D converter and output in external op-amp connection mode ANEX1 I Expanded analog input for the A/D converter D/A converter DA0 O Output for the D/A converter Reference voltage input VREF I Reference voltage input for the A/D converter and D/A converter |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |