Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 68 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 68 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 64Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 65Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 66Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 67Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 68Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 69Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 70Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 71Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 68 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
Note:
1.
This value is applicable only when the main clock oscillation is stable.
Note:
1.
The stop mode recovery time does not include the main clock oscillation stabilization time. The CPU
starts operating before the oscillator is stabilized.
Figure 5.4
Clock Circuit Timing
Table 5.12
Electrical Characteristics of Oscillator
(VCC1 =VCC2 = 3.0 to 5.5 V, VSS =0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
Condition
Value
Unit
Min.
Typ. Max.
fSO(PLL)
PLL clock self-oscillation frequency
35
55
80
MHz
tLOCK(PLL) PLL lock time (1)
1ms
tjitter(p-p)
PLL jitter period (p-p)
2.0
ns
f(OCO)
On-chip oscillator frequency
62.5
125
250
kHz
Table 5.13
Electrical Characteristics of Clock Circuitry
(VCC1 =VCC2 = 3.0 to 5.5 V, VSS =0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
Condition
Value
Unit
Min.
Typ. Max.
trec(WAIT) Recovery time from wait mode to low power mode
225
µs
trec(STOP) Recovery time from stop mode (1)
225
µs
t rec(STOP)
Interrupt for exiting
stop mode
CPU clock
Main clock oscillator
output
On-chip oscillator
output
Sub clock oscillator
output
On-chip oscillator
output
t rec(WAIT)
Interrupt for exiting
wait mode
CPU clock
Recovery time from stop mode
t rec(STOP)
Recovery time from wait mode
to low power mode
t rec(WAIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com