Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 71 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 71 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 67Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 68Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 69Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 70Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 71Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 72Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 73Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 74Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 71 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
VCC1 =VCC2 =5V
Notes:
1.
Pins CLK4, RXD4, TXD4, SDA4, SCL4, STXD4, and SRXD4 are available in the 100- and 80-pin
package only. Pins TB4IN,
CTS4, RTS4, SS4, UART6, and UART7 are available in the 100-pin
package only.
2.
Ports P0_4 to P0_7, P1_0 to P1_4, P3_4 to P3_7, and P9_5 to P9_7 are available in the 100- and
80-pin packages. Ports P4, P5, P9_1, and P9_4 are available in the 100-pin package only.
Table 5.16
Electrical Characteristics (2/3)
(VCC1 =VCC2 = 4.2 to 5.5 V, VSS =0 V, Ta =Topr, and f(CPU) = 50 MHz, unless otherwise
noted)
Symbol
Characteristic
Measurement
Condition
Value
Unit
Min. Typ. Max.
VT+ - VT- Hysteresis HOLD, RDY, NMI, INT0 to INT5, KI0 to KI3,
TA0IN to TA4IN, TA0OUT to TA4OUT,
TB0IN to TB5IN,
CTS0 to CTS8,
CLK0 to CLK8, RXD0 to RXD8,
SCL0 to SCL6, SDA0 to SDA6,
SS0 to SS6,
SRXD0 to SRXD6,
ADTRG, IIO0_0 to IIO0_7,
IIO1_0 to IIO1_7, UD0A, UD0B, UD1A,
UD1B, ISCLK2, ISRXD2, IEIN (1)
0.2
1.0
V
RESET
0.2
1.8
V
IIH
High level
input
current
XIN,
RESET, CNVSS, NSD,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_1, P9_3 to P9_7, P10_0 to P10_7 (2)
VI = 5 V
5.0
µA
IIL
Low level
input
current
XIN,
RESET, CNVSS, NSD,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_1, P9_3 to P9_7, P10_0 to P10_7 (2)
VI = 0 V
-5.0 µA
RPULLUP Pull-up
resistor
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_1, P9_3 to P9_7,
P10_0 to P10_7 (2)
VI = 0 V
30
50
170 k
Ω
RfXIN
Feedback
resistor
XIN
1.5
M
Ω
RfXCIN
Feedback
resistor
XCIN
15
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com