Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 85 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 85 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 81Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 82Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 83Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 84Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 85Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 86Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 87Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 88Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 85 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
VCC1 =VCC2 =3.3 V
Note:
1.
Pins AN0_4 to AN0_7, ANEX0, and ANEX1 are available in the 100- and 80-pin package only.
Table 5.41
A/D Conversion Characteristics (VCC1 =VCC2 =AVCC =VREF = 3.0 to 3.6 V,
VSS =AVSS =0 V, Ta =Topr, and f(BCLK) = 25 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement Condition
Value
Unit
Min.
Typ. Max.
—
Resolution
VREF = VCC1
10
Bits
—
Absolute error
VREF = VCC1 =
VCC2 = 3.3 V
AN_0 to AN_7,
AN0_0toAN0_7,
AN2_0toAN2_7,
ANEX0, ANEX1 (1)
±5
LSB
External op-amp
connection mode
±7
LSB
INL
Integral non-linearity
error
VREF = VCC1 =
VCC2 = 3.3 V
AN_0 to AN_7,
AN0_0toAN0_7,
AN2_0toAN2_7,
ANEX0, ANEX1 (1)
±5
LSB
External op-amp
connection mode
±7
LSB
DNL
Differential non-
linearity error
VREF = VCC1 = VCC2 = 3.3 V
±1
LSB
—Offset error
±3
LSB
—
Gain error
±3
LSB
RLADDER Resistor ladder
VREF = VCC1
420
k
Ω
tCONV
Conversion time
(10 bits)
φAD = 10 MHz,
with sample and hold function
3.3
µs
tCONV
Conversion time
(8 bits)
φAD = 10 MHz,
with sample and hold function
2.8
µs
tSAMP
Sampling time
φAD = 10 MHz
0.3
µs
VIA
Analog input voltage
0
VREF
V
φAD
Operating clock
frequency
Without sample and hold function
0.25
10
MHz
With sample and hold function
1
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com