Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 48 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 48 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 44Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 45Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 46Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 47Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 48Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 49Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 50Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 51Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 48 of 99
Sep 26, 2011
R32C/111 Group
4. Special Function Registers (SFRs)
Table 4.13
SFR List (13)
Address
Register
Symbol
Reset Value
000320h
000321h
000322h
000323h
000324h UART3 Special Mode Register 4
U3SMR4
00h
000325h UART3 Special Mode Register 3
U3SMR3
00h
000326h UART3 Special Mode Register 2
U3SMR2
00h
000327h UART3 Special Mode Register
U3SMR
00h
000328h UART3 Transmit/Receive Mode Register
U3MR
00h
000329h UART3 Bit Rate Register
U3BRG
XXh
00032Ah UART3 Transmit Buffer Register
U3TB
XXXXh
00032Bh
00032Ch UART3 Transmit/Receive Control Register 0
U3C0
0000 1000b
00032Dh UART3 Transmit/Receive Control Register 1
U3C1
0000 0010b
00032Eh UART3 Receive Buffer Register
U3RB
XXXXh
00032Fh
000330h
000331h
000332h
000333h
000334h UART2 Special Mode Register 4
U2SMR4
00h
000335h UART2 Special Mode Register 3
U2SMR3
00h
000336h UART2 Special Mode Register 2
U2SMR2
00h
000337h UART2 Special Mode Register
U2SMR
00h
000338h UART2 Transmit/Receive Mode Register
U2MR
00h
000339h UART2 Bit Rate Register
U2BRG
XXh
00033Ah UART2 Transmit Buffer Register
U2TB
XXXXh
00033Bh
00033Ch UART2 Transmit/Receive Control Register 0
U2C0
0000 1000b
00033Dh UART2 Transmit/Receive Control Register 1
U2C1
0000 0010b
00033Eh UART2 Receive Buffer Register
U2RB
XXXXh
00033Fh
000340h Count Start Register
TABSR
0000 0000b
000341h Clock Prescaler Reset Register
CPSRF
0XXX XXXXb
000342h One-shot Start Register
ONSF
0000 0000b
000343h Trigger Select Register
TRGSR
0000 0000b
000344h Increment/Decrement Select Register
UDF
0000 0000b
000345h
000346h Timer A0 Register
TA0
XXXXh
000347h
000348h Timer A1 Register
TA1
XXXXh
000349h
00034Ah Timer A2 Register
TA2
XXXXh
00034Bh
00034Ch Timer A3 Register
TA3
XXXXh
00034Dh
00034Eh Timer A4 Register
TA4
XXXXh
00034Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com