Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 37 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 37 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 33Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 34Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 35Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 36Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 37Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 38Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 39Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 40Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 37 of 99
Sep 26, 2011
R32C/111 Group
4. Special Function Registers (SFRs)
Table 4.2
SFR List (2)
Address
Register
Symbol
Reset Value
000060h
000061h Timer B5 Interrupt Control Register
TB5IC
XXXX X000b
000062h UART5 Transmit/NACK Interrupt Control Register
S5TIC
XXXX X000b
000063h UART2 Receive/ACK Interrupt Control Register
S2RIC
XXXX X000b
000064h UART6 Transmit/NACK Interrupt Control Register
S6TIC
XXXX X000b
000065h UART3 Receive/ACK Interrupt Control Register
S3RIC
XXXX X000b
000066h UART5/6 Bus Collision, Start Condition/Stop Condition
Detection Interrupt Control Register
BCN5IC/BCN6IC
XXXX X000b
000067h UART4 Receive/ACK Interrupt Control Register
S4RIC
XXXX X000b
000068h DMA0 Transfer Complete Interrupt Control Register
DM0IC
XXXX X000b
000069h UART0/3 Bus Collision, Start Condition/Stop Condition
Detection Interrupt Control Register
BCN0IC/BCN3IC
XXXX X000b
00006Ah DMA2 Transfer Complete Interrupt Control Register
DM2IC
XXXX X000b
00006Bh A/D Converter 0 Convert Completion Interrupt Control Register
AD0IC
XXXX X000b
00006Ch Timer A0 Interrupt Control Register
TA0IC
XXXX X000b
00006Dh Intelligent I/O Interrupt Control Register 0
IIO0IC
XXXX X000b
00006Eh Timer A2 Interrupt Control Register
TA2IC
XXXX X000b
00006Fh Intelligent I/O Interrupt Control Register 2
IIO2IC
XXXX X000b
000070h Timer A4 Interrupt Control Register
TA4IC
XXXX X000b
000071h Intelligent I/O Interrupt Control Register 4
IIO4IC
XXXX X000b
000072h UART0 Receive/ACK Interrupt Control Register
S0RIC
XXXX X000b
000073h Intelligent I/O Interrupt Control Register 6
IIO6IC
XXXX X000b
000074h UART1 Receive/ACK Interrupt Control Register
S1RIC
XXXX X000b
000075h Intelligent I/O Interrupt Control Register 8
IIO8IC
XXXX X000b
000076h Timer B1 Interrupt Control Register
TB1IC
XXXX X000b
000077h Intelligent I/O Interrupt Control Register 10
IIO10IC
XXXX X000b
000078h Timer B3 Interrupt Control Register
TB3IC
XXXX X000b
000079h
00007Ah INT5 Interrupt Control Register
INT5IC
XX00 X000b
00007Bh
00007Ch INT3 Interrupt Control Register
INT3IC
XX00 X000b
00007Dh
00007Eh INT1 Interrupt Control Register
INT1IC
XX00 X000b
00007Fh
000080h
000081h UART2 Transmit/NACK Interrupt Control Register
S2TIC
XXXX X000b
000082h UART5 Receive/ACK Interrupt Control Register
S5RIC
XXXX X000b
000083h UART3 Transmit/NACK Interrupt Control Register
S3TIC
XXXX X000b
000084h UART6 Receive/ACK Interrupt Control Register
S6RIC
XXXX X000b
000085h UART4 Transmit/NACK Interrupt Control Register
S4TIC
XXXX X000b
000086h
000087h UART2 Bus Collision, Start Condition/Stop Condition Detection
Interrupt Control Register
BCN2IC
XXXX X000b
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com