Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5673K Fiches technique(PDF) 69 Page - Freescale Semiconductor, Inc

No de pièce MPC5673K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673K Fiches technique(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC5673K Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 140 page
background image
AC10
ANA
adc0
AN[1]
—
siul_GPI[24]
etimer0_ETC[5]
AN: adc0_AN[1]
—
Analog
VDD_HV_ADR0
AC11
ANA
adc0
AN[3]
—
siul_GPI[34]
AN: adc0_AN[3]
—
Analog
VDD_HV_ADR0
AC14
ANA
adc0_adc1
AN[14]
—
siul_GPI[28]
AN: adc0_adc1_AN[14]
—
Analog
Shared
VDD_HV_ADR0
END OF
473 MAPBGA PIN MULTIPLEXING TABLE
NOTES:
1 Do not connect pin directly to a power supply or ground.
Table 10. 473 MAPBGA pin multiplexing (continued)
Ball
Number
Ball
Type
Ball Name
Alternate I/O
Additional Inputs
Analog Inputs
Weak pull
during reset
Pad Type
Power Domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More