Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5673K Fiches technique(PDF) 26 Page - Freescale Semiconductor, Inc

No de pièce MPC5673K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673K Fiches technique(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5673K Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 140 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Package pinouts and signal descriptions
Freescale Semiconductor
26
F8
VDD_LV_COR
VDD_LV
V13
VDD_LV_COR
VDD_LV
F9
VDD_LV_COR
VDD_LV
V14
VDD_LV_COR
VDD_LV
F10
VDD_LV_COR
VDD_LV
V15
VDD_LV_COR
VDD_LV
F11
VDD_LV_COR
VDD_LV
V16
VDD_LV_COR
VDD_LV
F12
VDD_LV_COR
VDD_LV
V17
VDD_LV_COR
VDD_LV
F13
VDD_LV_COR
VDD_LV
V18
VDD_LV_COR
VDD_LV
F14
VDD_LV_COR
VDD_LV
Y4
VDD_LV_PLL
VDD_LV
VSS
A2
VSS_HV_IO
VSS_HV
L7
VSS_LV_COR
VSS_LV
A22
VSS_HV_IO
VSS_HV
L8
VSS_LV_COR
VSS_LV
A23
VSS_HV_IO
VSS_HV
L9
VSS_LV_COR
VSS_LV
B1
VSS_HV_IO
VSS_HV
L10
VSS_LV_COR
VSS_LV
B2
VSS_HV_IO
VSS_HV
L11
VSS_LV_COR
VSS_LV
B14
VSS_HV_IO
VSS_HV
L12
VSS_LV_COR
VSS_LV
B23
VSS_HV_IO
VSS_HV
L13
VSS_LV_COR
VSS_LV
C3
VSS_HV_IO
VSS_HV
L14
VSS_LV_COR
VSS_LV
D9
VSS_HV_IO
VSS_HV
L15
VSS_LV_COR
VSS_LV
D11
VSS_HV_IO
VSS_HV
L16
VSS_LV_COR
VSS_LV
H2
VSS_HV_IO
VSS_HV
L17
VSS_LV_COR
VSS_LV
K20
VSS_HV_IO
VSS_HV
M7
VSS_LV_COR
VSS_LV
L4
VSS_HV_IO
VSS_HV
M8
VSS_LV_COR
VSS_LV
N2
VSS_HV_IO
VSS_HV
M9
VSS_LV_COR
VSS_LV
A1
VSS_HV_IO
VSS_HV
M10
VSS_LV_COR
VSS_LV
R4
VSS_HV_IO
VSS_HV
M11
VSS_LV_COR
VSS_LV
W2
VSS_HV_IO
VSS_HV
M12
VSS_LV_COR
VSS_LV
Y12
VSS_HV_IO
VSS_HV
M13
VSS_LV_COR
VSS_LV
AA3
VSS_HV_IO
VSS_HV
M14
VSS_LV_COR
VSS_LV
AA21
VSS_HV_IO
VSS_HV
M15
VSS_LV_COR
VSS_LV
AB1
VSS_HV_IO
VSS_HV
M16
VSS_LV_COR
VSS_LV
AB23
VSS_HV_IO
VSS_HV
M17
VSS_LV_COR
VSS_LV
AC1
VSS_HV_IO
VSS_HV
N7
VSS_LV_COR
VSS_LV
AC2
VSS_HV_IO
VSS_HV
N8
VSS_LV_COR
VSS_LV
AC22
VSS_HV_IO
VSS_HV
N9
VSS_LV_COR
VSS_LV
AC23
VSS_HV_IO
VSS_HV
N10
VSS_LV_COR
VSS_LV
Table 5. 473 MAPBGA supply pins (continued)
Ball
Number
Ball Name
Pad Type
Ball
Number
Ball Name
Pad Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More