| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5673K Fiches technique(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5673K Fiches technique(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 140 page ![]() T14 GPIO lin0 RXD A0: siul_GPIO[19] A1: _ A2: i2c0_data A3: sscm_DEBUG[3] I: lin0_RXD I: _ I: _ — disabled GP Slow/ Medium VDD_HV_IO T15 GPIO etimer1 ETC[0] A0: siul_GPIO[4] A1: etimer1_ETC[0] A2: _ A3: _ I: _ I: _ I: siul_EIRQ[4] — disabled GP Slow/ Medium VDD_HV_IO U3 GPIO dspi2 SIN A0: siul_GPIO[13] A1: _ A2: _ A3: _ I: dspi2_SIN I: flexpwm0_FAULT[0] I: siul_EIRQ[12] — disabled GP Slow/ Medium VDD_HV_IO U4 ANA adc3 AN[1] — siul_GPI[230] AN: adc3_AN[1] — Analog VDD_HV_ADR13 U5 ANA adc3 AN[2] — siul_GPI[231] AN: adc3_AN[2] — Analog VDD_HV_ADR13 U6 ANA adc2 AN[1] — siul_GPI[222] AN: adc2_AN[1] — Analog VDD_HV_ADR02 U7 ANA adc2_adc3 AN[11] — siul_GPI[225] AN: adc2_adc3_AN[11] — Analog Shared VDD_HV_ADR13 U8 ANA adc2_adc3 AN[12] — siul_GPI[226] AN: adc2_adc3_AN[12] — Analog Shared VDD_HV_ADR13 U11 ANA adc0_adc1 AN[11] — siul_GPI[25] AN: adc0_adc1_AN[11] — Analog Shared VDD_HV_ADR02 END OF 257 MAPBGA PIN MULTIPLEXING TABLE NOTES: 1 Do not connect pin directly to a power supply or ground. Table 9. 257 MAPBGA pin multiplexing (continued) Ball Number Ball Type Ball Name Alternate I/O Additional Inputs Analog Inputs Weak pull during reset Pad Type Power Domain |