| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5673K Fiches technique(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5673K Fiches technique(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 140 page ![]() MPC5675K Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Package pinouts and signal descriptions Freescale Semiconductor 24 B1 VSS_HV_IO VSS_HV G11 VSS_LV_COR VSS_LV B2 VSS_HV_IO VSS_HV H7 VSS_LV_COR VSS_LV B9 VSS_HV_IO VSS_HV H8 VSS_LV_COR VSS_LV B17 VSS_HV_IO VSS_HV H9 VSS_LV_COR VSS_LV C3 VSS_HV_IO VSS_HV H10 VSS_LV_COR VSS_LV D15 VSS_HV_IO VSS_HV H11 VSS_LV_COR VSS_LV H2 VSS_HV_IO VSS_HV J7 VSS_LV_COR VSS_LV N2 VSS_HV_IO VSS_HV J8 VSS_LV_COR VSS_LV P9 VSS_HV_IO VSS_HV J9 VSS_LV_COR VSS_LV R3 VSS_HV_IO VSS_HV J10 VSS_LV_COR VSS_LV R15 VSS_HV_IO VSS_HV J11 VSS_LV_COR VSS_LV T1 VSS_HV_IO VSS_HV K7 VSS_LV_COR VSS_LV T17 VSS_HV_IO VSS_HV K8 VSS_LV_COR VSS_LV U1 VSS_HV_IO VSS_HV K9 VSS_LV_COR VSS_LV U2 VSS_HV_IO VSS_HV K10 VSS_LV_COR VSS_LV U16 VSS_HV_IO VSS_HV K11 VSS_LV_COR VSS_LV U17 VSS_HV_IO VSS_HV L7 VSS_LV_COR VSS_LV D9 VSS_HV_FLA VSS_HV L8 VSS_LV_COR VSS_LV P1 VSS_HV_OSC VSS_HV L9 VSS_LV_COR VSS_LV C15 VSS_HV_PDI VSS_HV L10 VSS_LV_COR VSS_LV J16 VSS_HV_PDI VSS_HV L11 VSS_LV_COR VSS_LV T9 VSS_HV_ADR_02 VSS_HV_A N4 VSS_LV_PLL VSS_LV T7 VSS_HV_ADR_13 VSS_HV_A U15 VSS_HV_PMU VSS_LV U10 VSS_HV_ADV VSS_HV_A Table4. 257MAPBGA Balls not populated on package E5 E6 E7 E8 E9 E10 E11 E12 E13 F5 F13 G5 G13 H5 H13 J5 J13 K5 K13 L5 L13 M5 M13 N5 N6 N7 N8 N9 N10 N11 N12 N13 Table 3. 257 MAPBGA supply pins (continued) Ball Number Ball Name Pad Type Ball Number Ball Name Pad Type |