| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5673K Fiches technique(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5673K Fiches technique(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 140 page ![]() Package pinouts and signal descriptions MPC5675K Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Freescale Semiconductor 23 2.2.2 Power supply and reference voltage pins Table 3 shows the supply pins for the MPC5675K in the 257 MAPBGA package. Table 5 shows the supply pins for the MPC5675K in the 473 MAPBGA package. Table 4 and Table 6 show the pins not populated on the MPC5675K 257 MAPBGA and 473 MAPBGA packages, respectively. Table 3. 257 MAPBGA supply pins Ball Number Ball Name Pad Type Ball Number Ball Name Pad Type VDD A3 VDD_HV_IO VDD_HV F9 VDD_LV_COR VDD_LV A9 VDD_HV_IO VDD_HV F10 VDD_LV_COR VDD_LV B16 VDD_HV_IO VDD_HV F11 VDD_LV_COR VDD_LV C1 VDD_HV_IO VDD_HV F12 VDD_LV_COR VDD_LV G2 VDD_HV_IO VDD_HV G6 VDD_LV_COR VDD_LV M2 VDD_HV_IO VDD_HV G12 VDD_LV_COR VDD_LV P10 VDD_HV_IO VDD_HV H6 VDD_LV_COR VDD_LV P14 VDD_HV_IO VDD_HV H12 VDD_LV_COR VDD_LV T2 VDD_HV_IO VDD_HV J6 VDD_LV_COR VDD_LV T16 VDD_HV_IO VDD_HV J12 VDD_LV_COR VDD_LV L14 VDD_HV_DRAM_VREF VDD_HV K6 VDD_LV_COR VDD_LV D8 VDD_HV_FLA VDD_HV K12 VDD_LV_COR VDD_LV M1 VDD_HV_OSC VDD_HV L6 VDD_LV_COR VDD_LV D14 VDD_HV_PDI VDD_HV L12 VDD_LV_COR VDD_LV H16 VDD_HV_PDI VDD_HV M6 VDD_LV_COR VDD_LV U14 VDD_HV_PMU VDD_HV M7 VDD_LV_COR VDD_LV R7 VDD_HV_ADR_13 VDD_HV_A M8 VDD_LV_COR VDD_LV R9 VDD_HV_ADR_02 VDD_HV_A M9 VDD_LV_COR VDD_LV U9 VDD_HV_ADV VDD_HV_A M10 VDD_LV_COR VDD_LV F6 VDD_LV_COR VDD_LV M11 VDD_LV_COR VDD_LV F7 VDD_LV_COR VDD_LV M12 VDD_LV_COR VDD_LV F8 VDD_LV_COR VDD_LV P4 VDD_LV_PLL VDD_LV VSS A1 VSS_HV_IO VSS_HV G7 VSS_LV_COR VSS_LV A2 VSS_HV_IO VSS_HV G8 VSS_LV_COR VSS_LV A16 VSS_HV_IO VSS_HV G9 VSS_LV_COR VSS_LV A17 VSS_HV_IO VSS_HV G10 VSS_LV_COR VSS_LV |