Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5673K Fiches technique(PDF) 30 Page - Freescale Semiconductor, Inc

No de pièce MPC5673K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673K Fiches technique(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC5673K Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
2.2.4
Multiplexed pins
Table 9shows the pin multiplexing for the MPC5675K in the 257 MAPBGA package. Table 10 shows the pin multiplexing for the
MPC5675K in the 473 MAPBGA package.
Table 9. 257 MAPBGA pin multiplexing
Ball
Number
Ball
Type
Ball Name
Alternate I/O
Additional Inputs
Analog Inputs
Weak pull
during reset
Pad Type
Power Domain
A4
GPIO nexus
MDO[5]1
A0: siul_GPIO[114]
A1: _
A2: npc_wrapper_MDO[5]
A3: _
I: _
I: _
I: _
—
disabled
GP Slow/
Fast
VDD_HV_IO
A5
GPIO nexus
MDO[7]1
A0: siul_GPIO[112]
A1: _
A2: npc_wrapper_MDO[7]
A3: _
I: _
I: _
I: _
—
disabled
GP Slow/
Fast
VDD_HV_IO
A6
GPIO nexus
MDO[9]1
A0: siul_GPIO[110]
A1: _
A2: npc_wrapper_MDO[9]
A3: _
I: _
I: _
I: _
—
disabled
GP Slow/
Fast
VDD_HV_IO
A7
GPIO flexray
CB_TX
A0: siul_GPIO[51]
A1: flexray_CB_TX
A2: _
A3: _
I: _
I: _
I: _
—
disabled
GP Slow/
Symmetric
VDD_HV_IO
A8
GPIO flexray
CA_TR_EN
A0: siul_GPIO[47]
A1: flexray_CA_TR_EN
A2: _
A3: _
I: ctu0_EXT_IN
I: flexpwm0_EXT_SYNC
I: _
—
disabled
GP Slow/
Symmetric
VDD_HV_IO
A10
GPIO fec
RXD[2]
A0: siul_GPIO[213]
A1: _
A2: _
A3: dspi2_SOUT
I: fec_RXD[2]
I: _
I: siul_EIRQ[21]
—
disabled
GP Slow/
Medium
VDD_HV_IO
A11
GPIO fec
RX_CLK
A0: siul_GPIO[209]
A1: flexray_DBG2
A2: etimer2_ETC[2]
A3: dspi0_CS6
I: fec_RX_CLK
I: _
I: siul_EIRQ[25]
—
disabled
GP Slow/
Medium
VDD_HV_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More