| Moteur de recherche de fiches techniques de composants électroniques |
|
L9803 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9803 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 126 page ![]() L9803 On-Chip Peripherals 39/126 Figure 18. Ports PA0-PA7, PB0-PB1I DR DDR latch latch DR SEL DDR SEL VDD PAD M U X Alternate Alternate digital enable Alternate enable Alternate M U X Alternate input output P-BUFFER N-BUFFER 1 0 1 0 OR latch OR SEL from other bits Interrupt Pull-up condition enable enable GND |