| Moteur de recherche de fiches techniques de composants électroniques |
|
L9803 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9803 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 126 page ![]() Clocks, Reset, Interrupts & Power saving modes L9803 28/126 Figure 12. Interrupt Processing Flowchart Note: 1 See Table 4 Timer Overflow Timer 1 Status TOF_1 I5 FFF0h-FFF1h Output Compare 1 Timer 2 Status OCF1_2 I6 FFEEh-FFEFh Output Compare 2 OCF2_2 Input Capture 1 Timer 2 Status ICF1_2 I7 FFECh-FFEDh Input Capture 2 ICF2_2 Timer Overflow Timer 2 Status TOF_2 I8 FFEAh-FFEBh ADC End Of Conversion ADC Control EOC I9 FFE8h-FFE9h PWM 1 Overflow N/A N/A I10 FFE6h-FFE7h PWM 2 Overflow N/A N/A I11 FFE4h-FFE5h EEPROM Programming EEPROM Control E2ITE I12 FFE2h-FFE3h Table 4. Interrupt Mapping (continued) Interrupts Register Flag name Interrupt source Vector Address INTERRUPT TRAP I BIT = 1 Y Y N SET I BIT TO 1 PUSH PC,X,A,CC ONTO STACK LOAD PC WUTH APPROPRIATE INTERRUPT VECTOR (1) EXECUTE INSTRUCTION FETCH NEXT INSTRUCTION OF APPROPRIATE INTERRUPT SERVICE ROUTINE |