Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9803 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 4Page - STMicroelectronics L9803 Datasheet HTML 5Page - STMicroelectronics L9803 Datasheet HTML 6Page - STMicroelectronics L9803 Datasheet HTML 7Page - STMicroelectronics L9803 Datasheet HTML 8Page - STMicroelectronics L9803 Datasheet HTML 9Page - STMicroelectronics L9803 Datasheet HTML 10Page - STMicroelectronics L9803 Datasheet HTML 11Page - STMicroelectronics L9803 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 126 page
background image
General description
L9803
8/126
1
General description
1.1
Introduction
The L9803 is a Super Smart Power device suited to drive resistive and inductive loads under
software control. It includes a ST7 microcontroller and some pheripherals. The
microcontroller can execute the software contained in the program ROM and drive, through
dedicated registers, the power bridge.
The internal voltage regulators rated to the automotive environment, PWM modules, CAN
transceiver and controller, timers, temperature sensor and the AtoD converter allow the
device to realize by itself a complete application, in line with the most common mechatronic
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More