Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9803 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 5Page - STMicroelectronics L9803 Datasheet HTML 6Page - STMicroelectronics L9803 Datasheet HTML 7Page - STMicroelectronics L9803 Datasheet HTML 8Page - STMicroelectronics L9803 Datasheet HTML 9Page - STMicroelectronics L9803 Datasheet HTML 10Page - STMicroelectronics L9803 Datasheet HTML 11Page - STMicroelectronics L9803 Datasheet HTML 12Page - STMicroelectronics L9803 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
L9803
General description
9/126
Figure 1.
L9803 Block Diagram
8-BIT CORE
ALU
OSCIN
OSCOUT
10-bit ADC
WATCHDOG
OSC
Internal
CLOCK
CONTROL
ROM
16K
PORT A
PA0 -> PA7
OSC SAFEGUARD
PORT B
PB0 -> PB1
TIMER 1
TIMER 2
PWM 2
PWM 1
PWMI
PWMO
PWMO
AD2
AD3
AD4
RAM 256B
EEPROM 128B
VCC
VDD
POWER
SUPPLY
VB2
PREREGULATOR
AGND
GND
NRESET
POWER
BRIDGE
VBR
VBL
PGND
OUTR
OUTL
CAN
CONTROLLER
CAN
TRANSCEIVER
CAN_H
CAN_L
RX
TX
TEMP SENSOR
PWMI
TM
VB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More