Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KC73125UBA Fiches technique(PDF) 3 Page - Samsung semiconductor

No de pièce KC73125UBA
Description  1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73125UBA Fiches technique(HTML) 3 Page - Samsung semiconductor

  KC73125UBA Datasheet HTML 1Page - Samsung semiconductor KC73125UBA Datasheet HTML 2Page - Samsung semiconductor KC73125UBA Datasheet HTML 3Page - Samsung semiconductor KC73125UBA Datasheet HTML 4Page - Samsung semiconductor KC73125UBA Datasheet HTML 5Page - Samsung semiconductor KC73125UBA Datasheet HTML 6Page - Samsung semiconductor KC73125UBA Datasheet HTML 7Page - Samsung semiconductor KC73125UBA Datasheet HTML 8Page - Samsung semiconductor KC73125UBA Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
KC73125UBA
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
3
ABSOLUTE MAXIMUM RATINGS (NOTE)
NOTE: The device can be destroyed, if the applied voltage or temperature is higher than the absolute maximum rating voltage
or temperature.
Table 2. Absolute Maximum Ratings
Characteristics
Symbols
Min.
Max.
Unit
Substrate voltage
SUB - GND
-0.3
55
V
Supply voltage
VDD, VOUT, VSS - GND
-0.3
18
V
VDD, VOUT, VSS - SUB
-55
10
V
Vertical clock input voltage
Φ
V1V2, ΦV3, ΦV4 - GND
-10
20
V
Φ
V1, ΦV2, ΦV3, ΦV4 - VL
-0.3
30
V
Φ
V1, ΦV2, ΦV3, ΦV4 - SUB
-55
10
V
Horizontal clock input voltage
Φ
H1, ΦH2 - GND
-0.3
10
V
Φ
H1, ΦH2 - SUB
-55
17
V
Voltage difference between vertical and
horizontal clock input pins
Φ
V1, ΦV2, ΦV3, ΦV4
15
V
27
V
Φ
H1, ΦH2
17
V
Φ
H1, ΦH2 - ΦV4
-17
17
V
Output clock input voltage
Φ
RS, VGG - GND
-0.3
15
V
Φ
RS, VGG - SUB
-55
10
V
Protection circuit bias voltage
VL - SUB
-55
10
V
Operating temperature
TOP
-10
60
°C
Storage temperature
TSTG
-30
80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com