Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KC73125UBA Fiches technique(PDF) 4 Page - Samsung semiconductor

No de pièce KC73125UBA
Description  1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73125UBA Fiches technique(HTML) 4 Page - Samsung semiconductor

  KC73125UBA Datasheet HTML 1Page - Samsung semiconductor KC73125UBA Datasheet HTML 2Page - Samsung semiconductor KC73125UBA Datasheet HTML 3Page - Samsung semiconductor KC73125UBA Datasheet HTML 4Page - Samsung semiconductor KC73125UBA Datasheet HTML 5Page - Samsung semiconductor KC73125UBA Datasheet HTML 6Page - Samsung semiconductor KC73125UBA Datasheet HTML 7Page - Samsung semiconductor KC73125UBA Datasheet HTML 8Page - Samsung semiconductor KC73125UBA Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC73125UBA
4
DC CHARACTERISTICS
CLOCK VOLTAGE CONDITIONS
Table 3. DC Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Output stage drain bias
VDD
14.55
15.0
15.45
V
Output stage gate voltage
VGG
1.75
2.0
2.25
V
Output stage source voltage
VSS
Ground through 680
V
±5%
Substrate voltage adjustment range
VSUB
7.0
14.5
V
Fluctuation voltage range after substrate
voltage adjusted
∆V
SUB
-3
3
%
Protection circuit bias voltage
VL
The lowest vertical clock level
Output stage drain current
IDD
2.5
mA
Table 4. Clock Voltage Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Read-out clock voltage
VVH1, VVH3
14.55
15.0
15.45
V
High level
Vertical transfer clock voltage
VVM1 ~ VVM4
-0.2
0.0
0.2
V
Middle
VVL1 ~ VVL4
-9.5
-9.0
-8.5
V
Low
Horizontal transfer clock voltage
VHH1, VHH2
4.75
5.0
5.25
V
High
VHL1, VHL2
-0.2
0.0
0.2
V
Low
Charge reset clock voltage
VRSH
4.75
5.0
5.25
V
High
VRSL
-0.2
0.0
0.2
V
Low
Substrate clock voltage
VΦSUB
20
23.0
25
V
Shutter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com