Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KC73125UBA Fiches technique(PDF) 18 Page - Samsung semiconductor

No de pièce KC73125UBA
Description  1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73125UBA Fiches technique(HTML) 18 Page - Samsung semiconductor

Back Button KC73125UBA Datasheet HTML 10Page - Samsung semiconductor KC73125UBA Datasheet HTML 11Page - Samsung semiconductor KC73125UBA Datasheet HTML 12Page - Samsung semiconductor KC73125UBA Datasheet HTML 13Page - Samsung semiconductor KC73125UBA Datasheet HTML 14Page - Samsung semiconductor KC73125UBA Datasheet HTML 15Page - Samsung semiconductor KC73125UBA Datasheet HTML 16Page - Samsung semiconductor KC73125UBA Datasheet HTML 17Page - Samsung semiconductor KC73125UBA Datasheet HTML 18Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC73125UBA
18
HANDLING INSTRUCTIONS
Static Charge Prevention
CCD image sensors can be easily damaged by static discharge. Before handling, be sure to take the following
protective measures.
— Use non chargeable gloves, clothes or material. Also use conductive shoes.
— When handling directly, use an earth band.
— Install a conductive mat on the floor or working table to prevent generation of static electricity.
— Ionized air is recommended for discharging when handling CCD image sensor.
— For the shipment of mounted substrates, use boxes treated for the prevention of static charges.
Soldering
— Make sure the package temperature does not exceed 80
°C.
— Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a grounded 30W
soldering iron and solder each pin in less than 2 seconds. For repairs and and remount, cool sufficiently.
— To dismount an imaging device, do not use a solder suction equipment. When using an electronic
disoldering tool, use a thermal controller of the zero cross on/off type and connect to ground.
Dust and Dirt Protection
— Operate in the clean environments (around class 1000 will be appropriate).
— Do not either touch glass plates by hand or have object come in contact with glass surface. Should dirt
stick to a glass surface blow it off with an air blow(for dirt stuck through static electricity ionized air is
recommended).
— Clean with a cotton bud and ethyl alcohol if the glass surface is grease stained. Be caerful not to scratch
the glass.
— Keep in case to protect from dust and dirt. To prevent dew condensation, preheat or precool when moving
to a room with great temperature differences.
— When a protective tape is applied before shipping, just before use remove the tape applied electrostatic
protection. Do not reuse the tape.
Do not expose to strong light (sun rays) for long period, color filter are discolored.
Exposure to high temperature or humidity will affect the characteristics. accordingly avoid storage or usage in
such conditions.
CCD image sensors are precise optical equipment that should not be subject to mechanical shocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com