Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KC73125UBA Fiches technique(PDF) 1 Page - Samsung semiconductor

No de pièce KC73125UBA
Description  1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73125UBA Fiches technique(HTML) 1 Page - Samsung semiconductor

  KC73125UBA Datasheet HTML 1Page - Samsung semiconductor KC73125UBA Datasheet HTML 2Page - Samsung semiconductor KC73125UBA Datasheet HTML 3Page - Samsung semiconductor KC73125UBA Datasheet HTML 4Page - Samsung semiconductor KC73125UBA Datasheet HTML 5Page - Samsung semiconductor KC73125UBA Datasheet HTML 6Page - Samsung semiconductor KC73125UBA Datasheet HTML 7Page - Samsung semiconductor KC73125UBA Datasheet HTML 8Page - Samsung semiconductor KC73125UBA Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
KC73125UBA
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
1
INTRODUCTION
The KC73125UBA is an interline transfer CCD area image
sensor developed for EIA 1/3 inch optical format video cameras,
surveillance cameras, object detectors and image pattern
recognizers. High sensitivity is achieved through the on-chip
micro lenses and HAD (Hole Accumulated Diode) photosensors.
This chip features a field integration read out system and an
electronic shutter with variable charge storage time.
FEATURES
High Sensitivity
Optical Size 1/3 inch Format
Variable Speed Electronic Shutter
(1/60, 1/100 ~ 1/10,000sec)
Low Dark Current
Horizontal Register 5V Drive
16pin Ceramic DIP Package
Field Integration Read Out System
No DC Bias on Reset Gate
STRUCTURE
Number of Total Pixels:
537(H)
× 505(V)
Number of Effective Pixels:
510(H)
× 492(V)
Chip Size:
6.00mm(H)
× 4.95mm(V)
Unit Pixel Size:
9.60
µm(H) × 7.50µm(V)
Optical Blacks & Dummies:
Refer to Figure Below
Vertical 1 Line (Even Field Only)
16Pin Cer DIP
ORDERING INFORMATION
Device
Package
Operating
KC73125UBA
16Pin Cer DIP
-10
°C ~ +60 °C
16 2
510
25
OUTPUT
Dummy Pixels
Optical Black Pixels
Effective Pixels
Effective
Imaging
Area
H-CCD


Numéro de pièce similaire - KC73125UBA

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
More results

Description similaire - KC73125UBA

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KC73125MP SAMSUNG-KC73125MP Datasheet
207Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC74125B SAMSUNG-KC74125B Datasheet
231Kb / 18P
1/4 INCH CCD IMAGE SENSOR FOR EIA CAMERA
S5F325NU02 SAMSUNG-S5F325NU02 Datasheet
227Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
Sony Corporation
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
1/3-inch CCD Image Sensor for EIA B/W Camera
ICX058AL SONY-ICX058AL Datasheet
332Kb / 17P
1/3-inch CCD Image Sensor for EIA Black-and-White Video Camera
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
1/2 inch CCD Image Sensor for EIA B/W Camera
logo
A1 PROs co., Ltd.
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
1/3 inch CCD Image Sensor for EIA B/W Camera
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
1/3 inch CCD Image Sensor for PAL Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com