Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 30 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 30 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 26Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 27Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 28Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 29Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 30Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 31Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 32Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 33Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 30 of 99
R32C/111 Group
1. Overview
Table 1.21
Pin Definitions and Functions for the 80-/64-pin Package (3/3)
Function
Symbol
I/O
Description
Intelligent I/O
IIO0_0 to IIO0_7
I/O
Input/output for the Intelligent I/O group 0. Either input
capture or output compare is selectable
IIO1_0 to IIO1_7
I/O
Input/output for the Intelligent I/O group 1. Either input
capture or output compare is selectable. IIO1_6 and IIO1_7
outputs assigned for ports P7_0 and P7_1 are N-channel
open drain
UD0A, UD0B,
UD1A, UD1B
I
Input for the two-phase encoder
OUTC2_0 to
OUTC2_2
O
Output for OC (output compare) of the Intelligent I/O group
2.
OUTC2_0 and OUTC2_2 assigned for ports P7_0 and
P7_1 are N-channel open drain
ISCLK2
I/O
Clock input/output for the serial interface
ISRXD2
I
Receive data input for the serial interface
ISTXD2
O
Transmit data output for the serial interface. ISTXD2
assigned for port P7_0 is N-channel open drain
IEIN
I
Receive data input for the serial interface
IEOUT
O
Transmit data output for the serial interface. IEOUT
assigned for port P7_0 is N-channel open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com