Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 60 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 60 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 56Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 57Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 58Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 59Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 60Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 61Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 62Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 63Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 60 of 99
R32C/111 Group
5. Electrical Characteristics
5.
Electrical Characteristics
Notes:
1.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
2.
The VCC2 pin is available in the 100-pin package only. It should be considered as VCC1 in the 80-/64-
pin package.
3.
Ports P0_4 to P0_7, P1_0 to P1_4, P3_4 to P3_7, and P9_5 to P9_7 are available in the 100- and
80-pin packages. Ports P4, P5, P9_1, and P9_4 are available in the 100-pin package only.
Table 5.1
Absolute Maximum Ratings (1)
Symbol
Characteristic
Condition
Value (2)
Unit
VCC1, VCC2 Supply voltage
VCC1 = AVCC
-0.3 to 6.0
V
VCC2
Supply voltage
—
-0.3 to VCC1
V
AVCC
Analog supply voltage
VCC1 = AVCC
-0.3 to 6.0
V
VI
Input voltage
XIN,
RESET, CNVSS, NSD, V
REF,
P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_7, P9_1, P9_3 to P9_7,
P10_0 to P10_7 (3)
-0.3 to VCC1 +0.3
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7,P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7 (3)
-0.3 to VCC2 +0.3
V
P7_0, P7_1
-0.3 to 6.0
V
VO
Output
voltage
XOUT, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_3 to P9_7, P10_0 to P10_7 (3)
-0.3 to VCC1 +0.3
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7,P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7 (3)
-0.3 to VCC2 +0.3
V
P7_0, P7_1
-0.3 to 6.0
V
Pd
Power consumption
Ta = 25°C
500
mW
—
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com