Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 100 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 100 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 96Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 97Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 98Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 99Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 100Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 101Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 102Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 103Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 105 page
background image
A- 1
REVISION HISTORY
R32C/111 Group Datasheet
Rev.
Date
Description
Page
Summary
0.03
Oct 17, 2007
—
Initial release
0.30
Aug 19, 2008
—
Second edition released
—
The manual in general
• Maximum operating frequency changed from 48 MHz to 50 MHz
• Specification of on-chip oscillator disclosed
• Microprocessor mode becomes optional
• “memory-expanded mode” changed to “memory expansion mode”
Chapter 1
1
• “(MCUs)” added to line 1 of 1.1
• Applications in 1.1.1 revised and modified
• “Attention Users” below 1.1.1 modified to “Notes to users”; “The
specification” in this box changed to “Specifications”
2
• “instructions” in “CPU” of Table 1.1 deleted
• Minimum instruction execution time in “CPU” of Table 1.1 changed
• Microprocessor mode in CPU” of Table 1.1 changed to optional
• “TBD” for “Voltage Detection” in Table 1.1 deleted
• “3 circuits” for “Clock” in Table 1.1 changed to “4 circuits”
• “Total interrupt vectors” in Table 1.1 changed to “Interrupt vectors”
• Trigger sources” for DMA in Table 1.1 modified to “Request sources”;
Request sources for “DMA” defined as 51
• Scribal error: “peripheral interrupt sources” for “DMACII” in Table 1.1
corrected to “peripheral interrupt source”
3
• Unit names in Table 1.2 sorted in chapter order
• Description for “A/D Converter” in Table 1.2 changed
• “Operating frequency” in Table 1.2 changed from “48 MHz” to “50
MHz”
• “version N” and “version D” added to “Operating Temperature” in Table
1.2
; “optional” deleted
• Values for “Current Consumption” in Table 1.2 added
4
• “version N” and “version D” added to Table 1.3
• All “version N”s in Table 1.3 become on planning phase
6• Figure 1.2 modified
7
• Note 2 for Figure 1.3 modified
8
• Scribal error: “CLK5/” (pin No. 21) in Table 1.4 corrected to “CLK5”
11
• Description for “Connecting pins for decoupling capacitor”, “CNVSS”,
and “Debug port” in Table 1.7 modified
12
• Some descriptions for “
WR0/WR1/WR/BC0/BC1/RD” of “Bus control
pins” in Table 1.8 modified
13, 14
• Functional category items in Tables 1.9 and 1.10 sorted in chapter
order; Descriptions modified
Chapter 2
—
• Descriptions for this chapter modified; Expression “DMAC-related
registers”s modified to “DMAC-associated registers”s
15
• “Data register” and “Address register” in Figure 2.1 pluralized;
Explanation in Notes 1 and 2 for this figure revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com