Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 26 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 26 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 22Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 23Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 24Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 25Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 26Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 27Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 28Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 29Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 26 of 99
R32C/111 Group
1. Overview
Table 1.17
Pin Definitions and Functions for the 100-pin Package (3/4)
Function
Symbol
I/O
Power
Supply
Description
I/O port
P0_0 to P0_7
P1_0 to P1_7
P2_0 to P2_7
P3_0 to P3_7
P4_0 to P4_7
P5_0 to P5_7
I/O
VCC2
I/O ports in CMOS. Each port can be programmed
to input or output under the control of the direction
register.
Pull-up resistors are selected for following 4-pin
units, but are enabled only for the input pins: Pi_0
to Pi_3 and Pi_4 to Pi_7 (i = 0 to 10).
P7_0 and P7_1 outputs are N-channel open drain
P6_0 to P6_7
P7_0 to P7_7
P8_0 to P8_4
P8_6, P8_7
P9_3 to P9_7
P10_0 to
P10_7
I/O
VCC1
Input port
P9_1
I
VCC1
Input port in CMOS. Pull-up resistors are
selectable for P9_1 and P9_3
Timer A
TA0OUT to
TA4OUT
I/O
VCC1
VCC2
Timers A0 to A4 input/output.
TA0OUT output assigned for port P7_0 is N-
channel open drain
TA0IN to TA4IN
I
VCC1
VCC2
Timers A0 to A4 input
Timer B
TB0IN to
TB5IN
I
VCC1
Timers B0 to B5 input
Three-phase
motor control
timer output
U,
U,V,V,W,W
O
VCC1
VCC2
Three-phase motor control timer output
Serial interface
CTS0 to CTS8
I
VCC1
VCC2
Handshake input
RTS0 to RTS8
O
VCC1
VCC2
Handshake output
CLK0 to CLK8
I/O
VCC1
VCC2
Transmit/receive clock input/output
RXD0 to RXD8
I
VCC1
VCC2
Serial data input
TXD0 to TXD8
O
VCC1
VCC2
Serial data output.
TXD2 output is N-channel open drain
I2C bus
(simplified)
SDA0 to SDA6
I/O
VCC1
VCC2
Serial data input/output.
SDA2 output is N-channel open drain
SCL0 to SCL6
I/O
VCC1
VCC2
Transmit/receive clock input/output.
SCL2 output is N-channel open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com