Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFP Fiches technique(PDF) 24 Page - Renesas Technology Corp

No de pièce R5F6411FDFP
Description  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Fiches technique(HTML) 24 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 20Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 21Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 22Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 23Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 24Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 25Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 26Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 27Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 24 of 99
R32C/111 Group
1. Overview
1.5
Pin Definitions and Functions
Table 1.15 to Table 1.21 show the pin definitions and functions.
Table 1.15
Pin Definitions and Functions for the 100-pin Package (1/4)
Function
Symbol
I/O
Power
Supply
Description
Power supply
VCC1, VCC2,
VSS
I—
Applicable as follows: VCC1 and VCC2 = 3.0 to
5.5 V (VCC1
≥ VCC2), VSS = 0 V
Connecting pins
for decoupling
capacitor
VDC0, VDC1
——
A decoupling capacitor for internal voltage should
be connected between VDC0 and VDC1
Analog power
supply
AVCC, AVSS
I
VCC1
Power supply for the A/D converter. AVCC and
AVSS should be connected to VCC1 and VSS,
respectively
Reset input
RESET
I
VCC1
The MCU is reset when this pin is driven low
CNVSS
CNVSS
I
VCC1
This pin should be connected to VSS via a resistor
Debug port
NSD
I/O
VCC1
This pin is to communicate with a debugger. It
should be connected to VCC1 via a resistor of 1 to
4.7 k
Ω
Main clock input
XIN
I
VCC1
Input/output for the main clock oscillator. A crystal,
or a ceramic resonator should be connected
between pins XIN and XOUT. An external clock
should be input at the XIN while leaving the XOUT
open
Main clock output XOUT
O
VCC1
Sub clock input
XCIN
I
VCC1
Input/output for the sub clock oscillator. A crystal
oscillator should be connected between pins XCIN
and XCOUT. An external clock should be input at
the XCIN while leaving the XCOUT open
Sub clock output
XCOUT
O
VCC1
BCLK output
BCLK
O
VCC2
BCLK output
Clock output
CLKOUT
O
VCC2
Output of the clock with the same frequency as fC,
f8, or f32
External interrupt
input
INT0 to INT5
I
VCC1
VCC2
Input for external interrupts
NMI input
P8_5/
NMI
I
VCC1
Input for NMI
Key input interrupt
KI0 to KI3
I
VCC1
Input for the key input interrupt
Bus control pins
D0 to D7
I/O
VCC2
Input/output of data (D0 to D7) while accessing an
external memory space with a separate bus
D8 to D15
I/O
VCC2
Input/output of data (D8 to D15) while accessing
an external memory space with 16-bit separate
bus
A0 to A23
O
VCC2
Output of address bits A0 to A23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com