| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F6411FDFP Fiches technique(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6411FDFP Fiches technique(HTML) 27 Page - Renesas Technology Corp |
|
27 / 105 page ![]() REJ03B0227-0110 Rev.1.10 Sep 17, 2009 Page 27 of 99 R32C/111 Group 1. Overview Table 1.18 Pin Definitions and Functions for the 100-pin Package (4/4) Function Symbol I/O Power Supply Description Serial interface special functions STXD0 to STXD6 O VCC1 VCC2 Serial data output in slave mode. STXD2 is N-channel open drain SRXD0 to SRXD6 I VCC1 VCC2 Serial data input in slave mode SS0 to SS6 I VCC1 VCC2 Input to control serial interface special functions A/D converter AN_0 to AN_7 I VCC1 Analog input for the A/D converter AN0_0 to AN0_7 AN2_0 to AN2_7 I VCC2 ADTRG I VCC1 External trigger input for the A/D converter ANEX0 I/O VCC1 Expanded analog input for the A/D converter and output in external op-amp connection mode ANEX1 I VCC1 Expanded analog input for the A/D converter D/A converter DA0, DA1 O VCC1 Output for the D/A converter Reference voltage input VREF I − Reference voltage input for the A/D converter and D/A converter Intelligent I/O IIO0_0 to IIO0_7 I/O VCC1 VCC2 Input/output for the Intelligent I/O group 0. Either input capture or output compare is selectable IIO1_0 to IIO1_7 I/O VCC1 VCC2 Input/output for the Intelligent I/O group 1. Either input capture or output compare is selectable. IIO1_6 and IIO1_7 outputs assigned for ports P7_0 and P7_1 are N-channel open drain UD0A, UD0B, UD1A, UD1B I VCC1 VCC2 Input for the two-phase encoder OUTC2_0 to OUTC2_2 O VCC1 VCC2 Output for OC (output compare) of the Intelligent I/ O group 2. OUTC2_0 and OUTC2_2 assigned for ports P7_0 and P7_1 are N-channel open drain ISCLK2 I/O VCC1 VCC2 Clock input/output for the serial interface ISRXD2 I Receive data input for the serial interface ISTXD2 O Transmit data output for the serial interface. ISTXD2 assigned for port P7_0 is N-channel open drain IEIN I VCC1 VCC2 Receive data input for the serial interface IEOUT O Transmit data output for the serial interface. IEOUT assigned for port P7_0 is N-channel open drain |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |