| Moteur de recherche de fiches techniques de composants électroniques |
|
STA2500D Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2500D Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 57 page ![]() General specification STA2500D 40/57 Doc ID 16067 Rev 1 6.13.5 Algorithm 5: Alternating wireless medium access (AWMA) AWMA utilizes a portion of the WLAN beacon interval for Bluetooth operations. From a timing perspective, the medium assignment alternates between usage following WLAN procedures and usage following Bluetooth procedures. The timing synchronization between the WLAN and the STA2500D is done by the HW signal MEDIUM_FREE. Table 25. WLAN HW signal assignment WLAN control signal (see also Table 29) Scenario 1: PTA Scenario 2: WLAN master Scenario 3: BT master Scenario 4:2-wire Scenario 5: AWMA WLAN 1 RF_CONFIRM BT_RF_NOT_ ALLOWED Not used BT_RF_NOT_ ALLOWED MEDIUM_F REE WLAN 2 RF_REQUEST Not used WLAN_RF_NOT_ ALLOWED WLAN_RF_NOT_ ALLOWED Not used WLAN 3 STATUS Not used Not used Not used Not used WLAN 4 FREQ (optional) Not used Not used Not used Not used |