Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA2500D Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 16Page - STMicroelectronics STA2500D Datasheet HTML 17Page - STMicroelectronics STA2500D Datasheet HTML 18Page - STMicroelectronics STA2500D Datasheet HTML 19Page - STMicroelectronics STA2500D Datasheet HTML 20Page - STMicroelectronics STA2500D Datasheet HTML 21Page - STMicroelectronics STA2500D Datasheet HTML 22Page - STMicroelectronics STA2500D Datasheet HTML 23Page - STMicroelectronics STA2500D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Functional description
STA2500D
20/57
Doc ID 16067 Rev 1
5.7
TX output power control
The STA2500D supports output power control with advanced features:
●
Basic feature:
–
With the standard TX power control algorithm enabled, the STA2500D will adapt
its output power when a remote BT device supports the RSSI feature; this allows
the remote device to measure the link strength and to request the STA2500D to
decrease/increase its output power. In case the remote device does not support
the RSSI feature, the STA2500D will use its ‘default’ output power level.
●
Advanced features, available via specific HCI commands:
–
Enhanced power control feature: allows the STA2500D to decrease autonomously
its output power until the remote BT device, supporting the RSSI feature, requests
to increase the output power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57