| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI1221 Fiches technique(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI1221 Fiches technique(HTML) 31 Page - Texas Instruments |
|
31 / 123 page ![]() PCI1221 GHK/PDV PC CARD CONTROLLERS SCPS042 – JULY 1998 31 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 serial bus interface protocol (continued) Sb6 b4 b5 b3 b2 b1 b0 0 b7 b6 b5 b4 b3 b2 b1 b0 AA Slave Address Word Address R/W S/P = Start/stop condition A = Slave acknowledgement b7 b6 b4 b5 b3 b2 b1 b0 A P Data Byte Figure 11. Serial Bus Protocol – Byte Write A byte read is llustrated in Figure 12. The read protocol is very similar to the write protocol except the R/W command bit must be set to one to indicate a read-data transfer. In addition, the PCI1221 master must acknowledge reception of the read bytes from the slave transmitter. The slave transmitter drives the SDA signal during read data transfers. The SCL signal remains driven by the PCI1221 master. Sb6 b4 b5 b3 b2 b1 b0 1 b7 b6 b5 b4 b3 b2 b1 b0 AA Slave Address Word Address R/W S/P = Start/stop condition A = Slave acknowledgement b7 b6 b4 b5 b3 b2 b1 b0 M P Data Byte Figure 12. Serial Bus Protocol – Byte Read Figure 13 illustrates EEPROM interface doubleword data collection protocol. S1 1 0 0 0 0 0 0 b7 b6 b5 b4 b3 b2 b1 b0 AA Slave Address Word Address R/W Data Byte 2 Data Byte 1 Data Byte 0 M P M M M = Master acknowledgement S/P = Start/stop condition A = Slave acknowledgement Data Byte 3 M S1 1 0 0 0 001 A Restart R/W Slave Address Start Figure 13. EEPROM Interface doubleword Data Collection |