| Moteur de recherche de fiches techniques de composants électroniques |
|
A14100A-RQ208C Fiches technique(PDF) 68 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
A14100A-RQ208C Fiches technique(HTML) 68 Page - Actel Corporation |
|
68 / 68 page ![]() 1-242 Package Pin Assignments (continued) 257-Pin CPGA (Top View) A B C D E F G H J K L M N P R T V X Y A B C D E F G H J K L M N P R T V X Y 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 257-Pin CPGA A14100 Function Location CLKA or I/O L4 CLKB or I/O L5 DCLK or I/O E4 GND B16, C4, D4, D10, D16, E11, J5, K4, K16, L15, R4, T4, T10, T16, T17, X7 HCLK or I/O J16 IOCLK or I/O T5 IOPCL or I/O R16 MODE A5 NC E5 PRA OR I/O J1 PRB or I/O J17 SDI or I/O B4 VCC C3, C10, C13, C17, K3, K17, V3, V7, V10, V17, X14 Notes: 1. Unused I/O pins are designated as outputs by ALS and are driven low. 2. All unassigned pins are available for use as I/Os. 3. MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND. |