| Moteur de recherche de fiches techniques de composants électroniques |
|
A14100A-RQ208C Fiches technique(PDF) 62 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
A14100A-RQ208C Fiches technique(HTML) 62 Page - Actel Corporation |
|
62 / 68 page ![]() 1-236 Package Pin Assignments (continued) 225-Pin BGA (Top View) A B C D E F G H J K L M N P R A B C D E F G H J K L M N P R 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 A1460 Function Location CLKA or I/O C8 CLKB or I/O B8 DCLK or I/O B2 GND A1, A15, D15, F8, G7, G8, G9, H6, H7, H8, H9, H10, J7, J8, J9, K8, P2, R15 HCLK or I/O P9 IOCLK or I/O B14 IOPCL or I/O P14 MODE D1 NC A11, B5, B7, D8, D12, F6, F11, H1, H12, H14, K11, L1, L13, N8, P5, R1, R8, R11, R14 PRA OR I/O A7 PRB or I/O L7 SDI or I/O D4 VCC A8, B12, D5, D14, E3, E8, E13, H2, H3, H11, H15, K4, L2, L12, M8, M15, P4, P8, R13 Notes: 1. Unused I/O pins are designated as outputs by ALS and are driven low. 2. All unassigned pins are available for use as I/Os. 3. MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND. |