| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 802 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 802 Page - Renesas Technology Corp |
|
802 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 770 of 1468 REJ09B0412-0200 14.10.7 Conflict between Buffer Register Write and Compare Match If a compare match occurs in the T2 state of a TGR write cycle, the data transferred to TGR by the buffer operation will be the write data. Figure 14.50 shows the timing in this case. TGR Compare match signal P φ N Address Write T 1 T 2 M TGR write cycle Buffer register address Data written to buffer register M Buffer register Figure 14.50 Conflict between Buffer Register Write and Compare Match 14.10.8 Conflict between TGR Read and Input Capture If the input capture signal is generated in the T1 state of a TGR read cycle, the data that is read will be the data after input capture transfer. Figure 14.51 shows the timing in this case. TGR P φ Input capture signal Address TGR address Read T 1 T 2 TGR read cycle XM M Internal data bus Figure 14.51 Conflict between TGR Read and Input Capture |