| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 801 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 801 Page - Renesas Technology Corp |
|
801 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 769 of 1468 REJ09B0412-0200 14.10.5 Conflict between TCNT Write and Increment Operations If incrementing occurs in the T2 state of a TCNT write cycle, the TCNT write takes precedence and TCNT is not incremented. Figure 14.48 shows the timing in this case. P φ TCNT input clock TCNT N Address Write T 1 T 2 TCNT write cycle M TCNT write data TCNT address Figure 14.48 Conflict between TCNT Write and Increment Operations 14.10.6 Conflict between TGR Write and Compare Match If a compare match occurs in the T2 state of a TGR write cycle, the TGR write takes precedence and the compare match signal is disabled. A compare match also does not occur when the same value as before is written. Figure 14.49 shows the timing in this case. TGR Compare match signal P φ TCNT N + 1 N Address Write T 1 T 2 M TGR address TGR write cycle N Disabled TGR write data Figure 14.49 Conflict between TGR Write and Compare Match |