Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663M Fiches technique(PDF) 63 Page - Renesas Technology Corp

No de pièce H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Fiches technique(HTML) 63 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 59Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 60Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 61Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 62Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 63Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 64Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 65Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 66Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 31 of 1468
REJ09B0412-0200
Classification
Pin Name
I/O
Description
PJ7 to PJ0*
Input/
output
8-bit input/output pins.
I/O ports
PK7 to PK0*
Input/
output
8-bit input/output pins.
Note:
*
These pins can be used when the PCJKE bit in PFCRD is set to 1 in single-chip mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More