| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 97 Page - Renesas Technology Corp |
|
97 / 1504 page ![]() Section 2 CPU Rev. 2.00 Sep. 24, 2008 Page 65 of 1468 REJ09B0412-0200 Table 2.11 System Control Instructions Instruction Size Function TRAPA — Starts trap-instruction exception handling. RTE — Returns from an exception-handling routine. RTE/L — Returns from an exception-handling routine, restoring data from the stack to multiple general registers. SLEEP — Causes a transition to a power-down state. B/W #IMM → CCR, (EAs) → CCR, #IMM → EXR, (EAs) → EXR Loads immediate data or the contents of a general register or a memory location to CCR or EXR. Although CCR and EXR are 8-bit registers, word-size transfers are performed between them and memory. The upper 8 bits are valid. LDC L Rs → VBR, Rs → SBR Transfers the general register contents to VBR or SBR. B/W CCR → (EAd), EXR → (EAd) Transfers the contents of CCR or EXR to a general register or memory. Although CCR and EXR are 8-bit registers, word-size transfers are performed between them and memory. The upper 8 bits are valid. STC L VBR → Rd, SBR → Rd Transfers the contents of VBR or SBR to a general register. ANDC B CCR ∧ #IMM → CCR, EXR ∧ #IMM → EXR Logically ANDs the CCR or EXR contents with immediate data. ORC B CCR ∨ #IMM → CCR, EXR ∨ #IMM → EXR Logically ORs the CCR or EXR contents with immediate data. XORC B CCR ⊕ #IMM → CCR, EXR ⊕ #IMM → EXR Logically exclusive-ORs the CCR or EXR contents with immediate data. NOP — PC + 2 → PC Only increments the program counter. |