| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 73 Page - Renesas Technology Corp |
|
73 / 1504 page ![]() Section 2 CPU Rev. 2.00 Sep. 24, 2008 Page 41 of 1468 REJ09B0412-0200 2.3 Instruction Fetch The H8SX CPU has two modes for instruction fetch: 16-bit and 32-bit modes. It is recommended that the mode be set according to the bus width of the memory in which a program is stored. The instruction-fetch mode setting does not affect operation other than instruction fetch such as data accesses. Whether an instruction is fetched in 16- or 32-bit mode is selected by the FETCHMD bit in SYSCR. For details, see section 3.2.2, System Control Register (SYSCR). 2.4 Address Space Figure 2.8 shows a memory map of the H8SX CPU. The address space differs depending on the CPU operating mode. H'0000 H'000000 H'007FFF H'FF8000 H'FFFFFF H'00000000 H'00FFFFFF H'FFFFFFFF H'00000000 H'FFFFFFFF H'FFFF Normal mode Program area Data area (64 kbytes) Program area Data area (4 Gbytes) Program area (16 Mbytes) Program area (16 Mbytes) Data area (64 kbytes) Data area (4 Gbytes) Middle mode Advanced mode Maximum mode Figure 2.8 Memory Map |