Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663M Fiches technique(PDF) 82 Page - Renesas Technology Corp

No de pièce H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Fiches technique(HTML) 82 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 78Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 79Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 80Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 81Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 82Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 83Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 84Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 85Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 50 of 1468
REJ09B0412-0200
2.7
Instruction Set
The H8SX CPU has 87 types of instructions. The instructions are classified by function as shown
in table 2.1. The arithmetic operation, logic operation, shift, and bit manipulation instructions are
called operation instruction in this manual.
Table 2.1
Instruction Classification
Function
Instructions
Size
Types
MOV
B/W/L
MOVFPE, MOVTPE
B
POP, PUSH*
1
W/L
LDM, STM
L
Data transfer
MOVA
B/W*
2
6
EEPMOV
B
MOVMD
B/W/L
Block transfer
MOVSD
B
3
ADD, ADDX, SUB, SUBX, CMP, NEG, INC, DEC
B/W/L
DAA, DAS
B
ADDS, SUBS
L
MULXU, DIVXU, MULXS, DIVXS
B/W
MULU, DIVU, MULS, DIVS
W/L
MULU/U*
6, MULS/U*6
L
EXTU, EXTS
W/L
TAS
B
MAC*
6
—
LDMAC*
6, STMAC*6
—
Arithmetic
operations
CLRMAC*
6
—
27
Logic operations
AND, OR, XOR, NOT
B/W/L
4
Shift
SHLL, SHLR, SHAL, SHAR, ROTL, ROTR, ROTXL, ROTXR
B/W/L
8
BSET, BCLR, BNOT, BTST, BAND, BIAND, BOR, BIOR,
BXOR, BIXOR, BLD, BILD, BST, BIST
B
BSET/EQ, BSET/NE, BCLR/EQ, BCLR/NE, BSTZ, BISTZ
B
Bit manipulation
BFLD, BFST
B
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More