| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 737 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 737 Page - Renesas Technology Corp |
|
737 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 705 of 1468 REJ09B0412-0200 • TIORH_0, TIOR_1, TIOR_2, TIORH_3, TIOR_4, TIOR_5 Bit Bit Name Initial Value R/W Description 7 6 5 4 IOB3 IOB2 IOB1 IOB0 0 0 0 0 R/W R/W R/W R/W I/O Control B3 to B0 Specify the function of TGRB. For details, see tables 14.14, 14.16 to 14.18, 14.20 and 14.21. 3 2 1 0 IOA3 IOA2 IOA1 IOA0 0 0 0 0 R/W R/W R/W R/W I/O Control A3 to A0 Specify the function of TGRA. For details, see tables 14.22, 14.24 to 14.26, 14.28, and 14.29. • TIORL_0, TIORL_3 Bit Bit Name Initial Value R/W Description 7 6 5 4 IOD3 IOD2 IOD1 IOD0 0 0 0 0 R/W R/W R/W R/W I/O Control D3 to D0 Specify the function of TGRD. For details, see tables 14.15, and 14.19. 3 2 1 0 IOC3 IOC2 IOC1 IOC0 0 0 0 0 R/W R/W R/W R/W I/O Control C3 to C0 Specify the function of TGRC. For details, see tables 14.23, and 14.27. |