Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 278 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 278 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 274Page - Renesas Technology Corp H8SX1663 Datasheet HTML 275Page - Renesas Technology Corp H8SX1663 Datasheet HTML 276Page - Renesas Technology Corp H8SX1663 Datasheet HTML 277Page - Renesas Technology Corp H8SX1663 Datasheet HTML 278Page - Renesas Technology Corp H8SX1663 Datasheet HTML 279Page - Renesas Technology Corp H8SX1663 Datasheet HTML 280Page - Renesas Technology Corp H8SX1663 Datasheet HTML 281Page - Renesas Technology Corp H8SX1663 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 226 of 1102
REJ09B0294-0100
When consecutively reading from the same area connected to a peripheral LSI whose data hold
time is long, data outputs from the peripheral LSI and this LSI may conflict. Inserting the chip
select assertion period extension cycle after the access cycle can avoid the data conflict.
Figure 6.36 shows an example of the operation. In the figure, both bus cycles A and B are read
access cycles to the address/data multiplexed I/O space. An example of the data conflict is shown
in (a), and an example of avoiding the data conflict by the
CS assertion period extension cycle in
(b).
B
φ
Address bus
Data bus
Bus cycle A
Bus cycle B
CS
AH
RD
(a) Without
CS assertion period extension cycle (CSXTn = 0)
(b) With
CS assertion period extension cycle (CSXTn = 1)
Data hold time is long.
Data conflict
B
φ
Address bus
Data bus
Bus cycle A
Bus cycle B
CS
AH
RD
Figure 6.36 Consecutive Read Accesses to Same Area
(Address/Data Multiplexed I/O Space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More