Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 37 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 37 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 33Page - Renesas Technology Corp H8SX1663 Datasheet HTML 34Page - Renesas Technology Corp H8SX1663 Datasheet HTML 35Page - Renesas Technology Corp H8SX1663 Datasheet HTML 36Page - Renesas Technology Corp H8SX1663 Datasheet HTML 37Page - Renesas Technology Corp H8SX1663 Datasheet HTML 38Page - Renesas Technology Corp H8SX1663 Datasheet HTML 39Page - Renesas Technology Corp H8SX1663 Datasheet HTML 40Page - Renesas Technology Corp H8SX1663 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1158 page
background image
Rev.1.00 Jun. 07, 2006 Page xxxvii of x lii
Figure 12.4 Block Diagram of 8-Bit Timer Module (Unit 3) ..................................................... 609
Figure 12.5 Example of Pulse Output......................................................................................... 624
Figure 12.6 Example of Reset Input ...........................................................................................624
Figure 12.7 Count Timing for Internal Clock Input.................................................................... 625
Figure 12.8 Count Timing for External Clock Input .................................................................. 625
Figure 12.9 Timing of CMF Setting at Compare Match............................................................. 626
Figure 12.10 Timing of Toggled Timer Output at Compare Match A ....................................... 626
Figure 12.11 Timing of Counter Clear by Compare Match........................................................ 627
Figure 12.12 Timing of Clearance by External Reset (Rising Edge).......................................... 627
Figure 12.13 Timing of Clearance by External Reset (High Level) ........................................... 627
Figure 12.14 Timing of OVF Setting.......................................................................................... 628
Figure 12.15 Conflict between TCNT Write and Clear.............................................................. 631
Figure 12.16 Conflict between TCNT Write and Increment ...................................................... 632
Figure 12.17 Conflict between TCOR Write and Compare Match............................................. 632
Section 13 32K Timer (TM32K)
Figure 13.1 Block Diagram of TM32K ...................................................................................... 637
Figure 13.2 32K Timer Operation ..............................................................................................639
Section 14 Watchdog Timer (WDT)
Figure 14.1 Block Diagram of WDT .......................................................................................... 642
Figure 14.2 Operation in Watchdog Timer Mode....................................................................... 647
Figure 14.3 Operation in Interval Timer Mode........................................................................... 648
Figure 14.4 Writing to TCNT, TCSR, and RSTCSR.................................................................. 649
Figure 14.5 Conflict between TCNT Write and Increment ........................................................ 650
Figure 14.6 Circuit for System Reset by
WDTOVF Signal (Example)......................................651
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Figure 15.1 Block Diagram of SCI_0, 1, 2, and 4 ...................................................................... 656
Figure 15.2 Block Diagram of SCI_5 and SCI_6 ....................................................................... 657
Figure 15.3 Examples of Base Clock when Average Transfer Rate Is Selected (1) ................... 693
Figure 15.3 Examples of Base Clock when Average Transfer Rate Is Selected (2) ................... 694
Figure 15.3 Examples of Base Clock when Average Transfer Rate Is Selected (3) ................... 695
Figure 15.4 Example of Average Transfer Rate Setting when TMR Clock Is Input .................. 696
Figure 15.5 Data Format in Asynchronous Communication
(Example with 8-Bit Data, Parity, Two Stop Bits) ................................................. 698
Figure 15.6 Receive Data Sampling Timing in Asynchronous Mode ........................................ 700
Figure 15.7 Phase Relation between Output Clock and Transmit Data
(Asynchronous Mode) ............................................................................................ 701
Figure 15.8 Sample SCI Initialization Flowchart ....................................................................... 702
Figure 15.9 Example of Operation for Transmission in Asynchronous Mode
(Example with 8-Bit Data, Parity, One Stop Bit).................................................... 703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More