| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX1663 Fiches technique(PDF) 275 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Fiches technique(HTML) 275 Page - Renesas Technology Corp |
|
275 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 223 of 1102 REJ09B0294-0100 6.9.7 Wait Control In the data cycle of the address/data multiplexed I/O interface, program wait insertion and pin wait insertion by the WAIT pin are enabled in the same way as in the basic bus interface. For details, refer to section 6.6.4, Wait Control. Wait control settings do not affect the address cycles. 6.9.8 Read Strobe ( RD) Timing In the address/data multiplexed I/O interface, the read strobe timing of data cycles can be modified in the same way as in basic bus interface. For details, refer to section 6.6.5, Read Strobe ( RD) Timing. Figure 6.34 shows an example when the read strobe timing is modified. |